Part Number Hot Search : 
31213 MOC3022M M8DKFL LSP10120 2SC111 296CG AN3971 HDU100
Product Description
Full Text Search
 

To Download 5KP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5KP SERIES
GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS FEATURES
Glass passivated chip low leakage Uni and bidirectional unit Excellent clamping capability Plastic material has UL recognition 94V-0 Fast response time
.
REVERSE VOLTAGE - 5.0 to 180Volts POWER DISSIPATIO - 5000 Watts R-6
1.0(25.4) MIN
.052(1.3) DIA .048(1.2)
.360(9.1) .340(8.6)
2100
.360(9.1) DIA .340(8.6)
MECHANICAL DATA
Case : Molded Plastic Marking : Unidirectional -type number and cathode band
1.0(25.4) MIN
Bidirectional-type number only
Weight :
0.07ounces, 2.1 grams
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Peak Power Dissipation at TA=25 TP=1ms (NOTE1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Steady State Power Dissipation at TL=75 Lead Lengths 0.375"(9.5mm),See Fig. 4 Maximum Instantaneous Forward Voltage at 100A for Unidirectional Devices Only (NOTE2) Operating Temperature Range Storage Temperature Range
SYMBOL PPK
VALUE Minimum 5000
UNIT WATTS
IFSM
400
AMPS
PM(AV) VF TJ TSTG
8.0 See NOTE 3 -55 to + 150 -55 to + 175
WATTS VOLTS
NOTES:1. Non-repetitive current pulse ,per Fig. 5 and derated above TA=25 per Fig. 1 . 2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only). 3. VF=3.5V on 5KP5.0 thru 5KP100A devices and VF=5.0V on 5KP110 thru 5KP180 devices.
~ 207 ~
RATING AND CHARACTERTIC CURVES 5KP SERIES
FIG.1-PULSE DERATING CURVE PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT 100
10*1000 WAVEFORM AS DEFINED BY R.E.A
FIG.2-TYPICAL JUNCTION CAPACITANCE
10000
CAPACITANCE PF
75
1000
TJ=25
50
100
25 0 0 25 50 75 100 125 150 175 200
MEASURED AT STAND-OFF VOLTAGE
10
1 4 10 100 1000 TA AMBIENT TEMPERATURE, REVERSE VOLTAGE,VOLTS
100
PM(AV), STEADY STATE POWER DISSIPATION (W)
FIG.3-PULSE RATING CURVE
FIG.4-STEADY STATE POWER DERATING CURVE 10
PP, PEAK POWER (Kw)
8 6
10
4 2
60Hz RESISTIVE OR INDUCTIVE LOAD
1.0
TA=25, NON-REPETIVE PULSE WAVE FORM SHOWN IN FIG.5
0.1 0.1us 1.0us 10us 100us 1.0ms 10ms
0
25
50
75
100
125
150
175
200
TP, PULSE WIDTH
TL, LEAD TEMPERATURE
FIG.5 -PULSE WAVEFORM
IP PEAK PULSE CURRENT %
TR=10us
100
Peak value(IRSM) Half value = IRSM 2 Pulse with (Tp) is defined as that point where the peak current decays to 50% of IRSM
50
TJ=25 10*1000waveform as defined by R.E.A
TP
0 0 1.0 2.0 T, TIME (ms) 3.0 4.0
~ 208 ~
5KP SERIES
Type Number Type Number Reverse Standoff Voltage VR(V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 10.7 11.2 11.7 12.2 12.7 13.2 13.7 14.2 14.7 15.2 15.7 16.2 16.7 17.2 17.7 18.2 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 Min(V) 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 Breakdown Voltage BV Lolts@lt Max(V) 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.20 9.21 10.90 9.83 11.50 10.40 12.20 11.10 13.60 12.30 14.90 13.50 16.30 14.70 17.60 15.90 19.10 17.20 20.40 18.50 21.80 19.70 23.10 20.90 24.40 22.10 27.10 24.50 29.80 26.90 32.60 29.50 35.30 31.90 38.00 34.40 40.70 36.80 It(mA) 50 50 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Max. Reverse Leakage IR(uA) 5000 5000 5000 5000 2000 2000 1000 1000 250 250 150 150 50 50 20 20 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 Max. Clamping Voltage Vc(V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.5 53.5 48.4 Max. Peak Pulse Ipp(A) 520.0 543.0 439.0 485.0 407.0 447.0 378.0 417.0 350.0 388.0 333.0 367.0 314.0 347.0 295.0 325.0 266.0 294.0 249.0 274.0 227.0 251.0 210.0 232.0 194.0 215.0 188.0 206.0 176.0 192.0 164.0 181.0 155.0 172.0 139.0 154.0 127.0 141.0 116.0 128.0 107.0 119.0 99.0 110.0 93.0 103.0 Max. Voltage Temp. %/ 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 6.0 6.0 6.0 6.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 15.0 15.0 18.0 16.0 19.0 18.0 20.0 19.0 24.0 22.0 27.0 24.0 30.0 27.0 33.0 29.0 34.0 30.0 38.0 35.0
(UNI) 5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5KP24 5KP24A 5KP26 5KP26A 5KP28 5KP28A 5KP30 5KP30A
(BI) 5KP5.0C 5KP5.0CA 5KP6.0C 5KP6.0CA 5KP6.5C 5KP6.5CA 5KP7.0C 5KP7.0CA 5KP7.5C 5KP7.5CA 5KP8.0C 5KP8.0CA 5KP8.5C 5KP8.5CA 5KP9.0C 5KP9.0CA 5KP10C 5KP10CA 5KP11C 5KP11CA 5KP12C 5KP12CA 5KP13C 5KP13CA 5KP14C 5KP14CA 5KP15C 5KP15CA 5KP16C 5KP16CA 5KP17C 5KP17CA 5KP18C 5KP18CA 5KP20C 5KP20CA 5KP22C 5KP22CA 5KP24C 5KP24CA 5KP26C 5KP26CA 5KP28C 5KP28CA 5KP30C 5KP30CA
~ 209 ~
5KP SERIES
Type Number Type Number Reverse Standoff Voltage VR(V) 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 110.00 120.00 150.00 180.00 Min(V) 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 122.00 133.00 166.00 200.00 Breakdown Voltage BV Lolts@lt Max(V) 44.90 40.60 48.90 44.20 54.30 49.10 58.40 52.80 61.10 55.30 65.10 58.90 69.30 62.70 73.30 66.30 78.70 71.20 81.50 73.70 86.90 78.60 95.10 86.00 102.00 92.10 106.00 95.80 115.00 104.00 122.00 111.00 136.00 149.00 163.00 204.00 244.00 It(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Max. Reverse Leakage IR(uA) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 Max. Clamping Voltage Vc(V) 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 196.0 215.0 268.0 320.0 Max. Peak Pulse Ipp(A) 86.00 94.00 78.00 86.00 70.00 78.00 65.00 72.00 62.00 69.00 58.00 65.00 55.00 61.00 52.00 57.00 49.00 53.00 47.00 52.00 44.00 49.00 40.00 44.00 37.00 41.00 36.00 40.00 33.00 36.00 31.00 34.00 28.00 26.00 23.00 18.50 15.00 Max. Voltage Temp. %/ 41 38 45 40 50 45 54 49 57 51 62 55 65 60 70 64 77 69 79 70 85 75 93 84 100 90 104 94 113 102 120 109 134 147 158 200 240
(UNI) 5KP33 5KP33A 5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP110 5KP120 5KP150 5KP180
(BI) 5KP33C 5KP33CA 5KP36C 5KP36CA 5KP40C 5KP40CA 5KP43C 5KP43CA 5KP45C 5KP45CA 5KP48C 5KP48CA 5KP51C 5KP51CA 5KP54C 5KP54CA 5KP58C 5KP58CA 5KP60C 5KP60CA 5KP64C 5KP64CA 5KP70C 5KP70CA 5KP75C 5KP75CA 5KP78C 5KP78CA 5KP85C 5KP85CA 5KP90C 5KP90CA 5KP100C 5KP110C 5KP120C 5KP150C 5KP180C
NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive . 1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled .
~ 210 ~


▲Up To Search▲   

 
Price & Availability of 5KP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X